Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0984 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0984
Description  STEVAL-ISA081V1 demonstration board based
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0984 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0984 Datasheet HTML 17Page - STMicroelectronics UM0984 Datasheet HTML 18Page - STMicroelectronics UM0984 Datasheet HTML 19Page - STMicroelectronics UM0984 Datasheet HTML 20Page - STMicroelectronics UM0984 Datasheet HTML 21Page - STMicroelectronics UM0984 Datasheet HTML 22Page - STMicroelectronics UM0984 Datasheet HTML 23Page - STMicroelectronics UM0984 Datasheet HTML 24Page - STMicroelectronics UM0984 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
UM0984
Application recommendations
Doc ID 17812 Rev 2
23/25
5.2
Improved efficiency
The measured efficiency is about 84% at full output load and 230 VAC. This value can be
increased by simply changing the output Schottky diode. Please note that the original board
contains an STPS3H100 - 3 A / 100 V Schottky diode. This diode is universal - applicable
also up to 18 V output voltage. If only 12 V output is required, a 60 V Schottky diode can be
used.
An STPS5L60 - 5 A / 60 V Schottky diode in the SMC package was tested. The result
measured on one sample at 230 VAC is displayed in Table 4.
Table 4.
Efficiency using a 60 V Schottky diode
D3
VOUT (V) full load
IOUT (A) full load
Eff. (%)
VD3 (V) at 305 VAC
STPS3H100
11.80
1.00
84.1
56
STPS5L60
12.15
1.00
86.1
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com