Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0984 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0984
Description  STEVAL-ISA081V1 demonstration board based
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0984 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0984 Datasheet HTML 1Page - STMicroelectronics UM0984 Datasheet HTML 2Page - STMicroelectronics UM0984 Datasheet HTML 3Page - STMicroelectronics UM0984 Datasheet HTML 4Page - STMicroelectronics UM0984 Datasheet HTML 5Page - STMicroelectronics UM0984 Datasheet HTML 6Page - STMicroelectronics UM0984 Datasheet HTML 7Page - STMicroelectronics UM0984 Datasheet HTML 8Page - STMicroelectronics UM0984 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
UM0984
Main characteristics
Doc ID 17812 Rev 2
5/25
1
Main characteristics
The main characteristics of the SMPS are listed below
●
Input:
–VIN: 85 ~ 305 Vrms
–
frequency: 45 ~ 66 Hz
●
Output:
–
12 VDC ± 10%, 1 A (at 3.3 V not loaded)
–
3.3 VDC ± 4%, 100 mA
–
Maximum total output current of 1 A
●
Standby < 120 mW at 230 VAC
●
Short-circuit: protected
●
PCB type and size:
–FR4
–
Single-sided 35 µm
–
32 x 90 mm
●
Isolation: isolated 4 kV / 8 mm
●
EMI: according to EN55022 Class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com