Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0984 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0984
Description  STEVAL-ISA081V1 demonstration board based
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0984 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0984 Datasheet HTML 12Page - STMicroelectronics UM0984 Datasheet HTML 13Page - STMicroelectronics UM0984 Datasheet HTML 14Page - STMicroelectronics UM0984 Datasheet HTML 15Page - STMicroelectronics UM0984 Datasheet HTML 16Page - STMicroelectronics UM0984 Datasheet HTML 17Page - STMicroelectronics UM0984 Datasheet HTML 18Page - STMicroelectronics UM0984 Datasheet HTML 19Page - STMicroelectronics UM0984 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Measurements
UM0984
16/25
Doc ID 17812 Rev 2
Figure 7.
Efficiency at full load (1 A) vs. input voltage
The output voltage efficiency depending on the output current of the 12 V output is displayed
in Figure 6. The 3.3 V output was not loaded for this measurement.
Figure 7 shows the efficiency of the SMPS at full load applied on the 12 V output (1 A, 3.3 V
output not loaded) depending on the different input voltages. A drop of efficiency at low input
voltage is mainly caused by an increase of the losses of the input inrush resistor and CMC.
The efficiency was calculated as the ratio between the output power and input power. The
input power was directly measured by power analyzer NORMA 4000. The output power was
calculated as the product of the output current and output voltage. The output voltage was
measured on the output connector by multimeter KEITHLEY 2000 and the current was
measured by multimeter FLUKE 189.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com