Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0984 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0984
Description  STEVAL-ISA081V1 demonstration board based
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0984 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0984 Datasheet HTML 13Page - STMicroelectronics UM0984 Datasheet HTML 14Page - STMicroelectronics UM0984 Datasheet HTML 15Page - STMicroelectronics UM0984 Datasheet HTML 16Page - STMicroelectronics UM0984 Datasheet HTML 17Page - STMicroelectronics UM0984 Datasheet HTML 18Page - STMicroelectronics UM0984 Datasheet HTML 19Page - STMicroelectronics UM0984 Datasheet HTML 20Page - STMicroelectronics UM0984 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
UM0984
Measurements
Doc ID 17812 Rev 2
17/25
4.2
Standby
Figure 8.
Standby power vs. input voltage
The standby behavior of the board is displayed in Figure 8. The blue line is the standby input
power of the fully assembled board. The red line is the standby input power of the board
without linear regulator L78L33 and with a 15 V Zener diode applied as a bleeder. The
typical input current of L78L33 is 3.5 mA which is approximately 40 mW of load present on
the secondary side.
The standby input power was directly measured by power analyzer NORMA 4000. The
output connection was kept open during the measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com