Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0984 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0984
Description  STEVAL-ISA081V1 demonstration board based
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0984 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0984 Datasheet HTML 9Page - STMicroelectronics UM0984 Datasheet HTML 10Page - STMicroelectronics UM0984 Datasheet HTML 11Page - STMicroelectronics UM0984 Datasheet HTML 12Page - STMicroelectronics UM0984 Datasheet HTML 13Page - STMicroelectronics UM0984 Datasheet HTML 14Page - STMicroelectronics UM0984 Datasheet HTML 15Page - STMicroelectronics UM0984 Datasheet HTML 16Page - STMicroelectronics UM0984 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
UM0984
Board description
Doc ID 17812 Rev 2
13/25
3.5
BOM
Table 2.
Bill of materials
Index
Quantity
Ref.
Value / generic part number
Package / class
Manufacturer
1
1
R1
5.1
Ω / 2 W
Wirewound
or
4.7
Ω / 2 W
Wirewound
2
2
R2, R3
51 k
Ω / 5% / 0.25 W
1206
3
1
R4
3.9
Ω / 5% / 0.1 W
0805
4
1
R5
150 k
Ω /1% / 0.1 W
0805
5
1
R6
43 k
Ω / 1% / 0.1 W
0805
6
0
R7
Not assembled
7
1
R8
10 k
Ω / 5% / 0.1 W
0805
8
0
R9
Not assembled
9
1
C1
100 nF / 305 VAC / X2
18 x 5 x 11 RM 15
EPCOS
10
1
C2
10 µF / 450 V
D12.5 x 20 RM 5
11
1
C3
470 pF / 200 V
1206
12
1
C4
10 µF / 35 V / 105 °C
D5 x 11 RM 2
13
1
C5
2.2 nF / 50 V
0805
14
1
C6
1 nF / 50 V
0805
15
2
C7, C10
100 nF / 50 V
0805
16
1
C8
470 µF / 35 V / low ESR
D10 x 20 RM 5
17
1
C9
330 nF / 50 V
0805
18
0
C11
Not assembled
19
1
C12
1 nF / 250 VAC / 4 kV / Y1
RM 12
20
0
C13
Not assembled
21
1
C13A
22 µF / 450 V
D16 x 20 RM 5
22
1
L1
CMC 2 x 10 mH
UU9.8, RM 8 x 7
EPCOS
23
1
T1
EF20 - 1.41 mH
EF20
WÜRTH ELEKTRONIK
24
0
DB1
Not assembled
25
1
DB1A
1 A / 800 V / bridge
SO-DIL
26
1
D1
STTH1R06A
SMA
STMicroelectronics™
27
1
D2
1N4148
MINIMELF / SOD80
28
0
D3
Not assembled
29
1
D3A
STPS2H100U
SMB
STMicroelectronics
30
1
IC1
VIPER26LN
SO16N
STMicroelectronics
31
1
IC2
L78L33AC
SO8N
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com