Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0984 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0984
Description  STEVAL-ISA081V1 demonstration board based
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0984 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0984 Datasheet HTML 7Page - STMicroelectronics UM0984 Datasheet HTML 8Page - STMicroelectronics UM0984 Datasheet HTML 9Page - STMicroelectronics UM0984 Datasheet HTML 10Page - STMicroelectronics UM0984 Datasheet HTML 11Page - STMicroelectronics UM0984 Datasheet HTML 12Page - STMicroelectronics UM0984 Datasheet HTML 13Page - STMicroelectronics UM0984 Datasheet HTML 14Page - STMicroelectronics UM0984 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
UM0984
Board description
Doc ID 17812 Rev 2
11/25
Figure 4.
Transformer construction
3.4
Layout
The layout of the PCB is based on a single-sided FR4, with 35 µm thickness. The size of the
PCB is 32 x 90 mm. The distance between the primary and secondary side is higher than
8 mm, respecting the safety requirements for all standard applications. The layout of the
PCB is provided in Figure 5.
The layout was designed with respect to the following rules to achieve stable operation,
good efficiency and reduce EMI noise.
●
The power HF tracks are wide and short:
–
Transformer to IC1
–
Transformer to C13
–
IC1 to C13
–
Transformer to C8
–
C8 to D3
–
Transformer to D3
–
Peak clamp loop
●
The power and signal GND of VIPER26LD are separated and connected only in one
point close to the source pins
●
The EMI filter has been placed far from the transformer to avoid possible crosstalk of
EMI noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com