Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1220 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1220 Datasheet HTML 3Page - STMicroelectronics AN1220 Datasheet HTML 4Page - STMicroelectronics AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics AN1220 Datasheet HTML 10Page - STMicroelectronics AN1220 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
7/13
Surge
Minimum
peak voltage
(volts)
Minimum
peak current
per conductor
(Amps)
Maximum rise
/ Minimum
decay time for
voltage and
current
(
µs)
Repetitions,
each polarity
Test
connections
per
table 4.1
1
+/- 5000
500
2/10
1
B
Table 2: Second level lightning surge.
Test
Voltage
(VRMS)
Short circuit
current per
conductor
(Amps)
Duration
Primary
protection
Test
connections
per
table 4.1
1
50
0.33
15 minutes
Removed
A
2
100
0.17
15 minutes
Removed
A
3
200, 400
and 600
1 (at 600V)
60 1 s
application of
each voltage
Removed
A
4
1000
1
60 1s
applications
Operative
protector in place
B
5
see figure 4-3
see figure 4-3
60 5s
applications
Removed
see figure 4-3
6
600
0.5
30s
Removed
A
7
600
2.2
2s
Removed
A
8
600
3
1s
Removed
A
9
1000
5
0.5s
Operative
protector in place
B
Table 3: First level AC power fault (table 4-7 of GR-1089-CORE issue 2, december 1997).
Surge
Minimum
peak voltage
(volts)
Minimum
peak current
per conductor
(Amps)
Maximum rise
/ Minimum
decay time for
voltage and
current
(
µs)
Repetitions,
each polarity
Test
connections
per
table 4.1
1
+/- 600
100
10/1000
25
A
2
+/- 1000
100
10/360
25
A
3
+/- 1000
100
10/1000
25
A
4
+/- 2500
500
2/10
10
B
5
+/- 1000
25
10/360
5
B
Table 1: First level lightning surge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com