Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1220 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics AN1220 Datasheet HTML 10Page - STMicroelectronics AN1220 Datasheet HTML 11Page - STMicroelectronics AN1220 Datasheet HTML 12Page - STMicroelectronics AN1220 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
9/13
Test
S1
S2
S3
S4
T to generator, R to ground
(condition A1 of table 4-1)
Closed
Open
Open
Closed
R to generator, T to ground
(condition A2 of table 4-1)
Open
Closed
Closed
Open
T to generator, R to generator
simultaneously
(condition A3 of table 4-1)
Closed
Open
Closed
Open
Table 6: Application of lightning and AC power fault test voltages (table 4-2 of GR-1089-CORE).
2. First level lightning surge:
2.1. Ringing mode
Lightning phenomena are the most common surge causes. The purpose of this test is to check the
behavior of the CLP270M against these lightning strikes.
Figures 11 and 12 show that the remaining overvoltage does not exceed +/- 500 V. The CLP270M
switches on within 250ns and withstands the 500A given by the BELLCORE 2/10
µs generator.
2/10 µs
GENERATOR
+/- 2.5 kV
(500 A)
4
TIPL
TIPS
GND
1/2 CLP270M
I1
V1
Rsense
Rp
Fig. 10: Lightning simulation test.
Fig. 11: CLP270M response to a positive surge.
Fig. 12 : CLP270M response to a negative surge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com