Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1220 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1220 Datasheet HTML 1Page - STMicroelectronics AN1220 Datasheet HTML 2Page - STMicroelectronics AN1220 Datasheet HTML 3Page - STMicroelectronics AN1220 Datasheet HTML 4Page - STMicroelectronics AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
2/13
1. Evolution of the SLIC protection
Over
the
years,
the
silicon
protection
performances have considerably changed.
The first generation of products like SMTHBTxx
and
SMTHDTxx
offered
fixed
overvoltage
protection against surges on either TIP or RING line
in four packages.
The following generation like THBTxx and
THDTxx still offered fixed overvoltage protection
against surges on both TIP and RING lines in two
packages.
The next step was the introduction of the LCP
devices which brought the advantage of full
programmable voltage.
Today, the CLP270M combines the features of all
the previous generations. In addition to that, it offers an overcurrent detection when operating in speech
mode and also a Failure Status output signal.
The figure 2 summarizes the firing modes of the CLP270M which basically holds the SLIC inside its correct
voltage and current values.
STMICROELECTRONICS CLP270M CONCEPT
Line card
operating
conditions
V
I
-I
+I
SWON
SWON
Programmable
thanks to an
external resistor
Programmable
thanks to any
external voltage
reference
Fig. 2: Line card protection
RINGS
-Vbat
-Vbat
Rp
Rsense
TIP
1
1
2
2
SLIC
(*)
(*) LCP1511D or THDT series or LCDP1511D
Ov v
ref
er oltage
erence
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
RINGL
FS
GND
SW3 SW1
SW4 SW2
Rsense
Rp
Ring
Generator
Fuse
Fuse
TIP
RING
External
voltage
reference
RING
I
Fig. 3 : CLP270M in line card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com