Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1220 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics AN1220 Datasheet HTML 10Page - STMicroelectronics AN1220 Datasheet HTML 11Page - STMicroelectronics AN1220 Datasheet HTML 12Page - STMicroelectronics AN1220 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
13/24
The CLP270M is able to withstand all the first level AC power fault tests as required in the table 4-7 of
GR-1089-CORE standard, and then is suitable to protect the linecard.
As usual, for the second level AC power fault tests serial protection as PTC or fuse are needed.
All these curves, lightning and AC power fault represent the behavior of the CLP270M in worst case tests,
anyhow the CLP270M withstands all the others surges of the Bellcore GR1098 standard. For the second
level AC power fault test, the use of series protection elements (PTC or fuses) are needed.
The FS pin allows the system to monitor and record the number of surges occuring on the telecom line.
CONCLUSION
4
Ω
Ω
TIPL
TIPS
GND
1/2 CLP270M
50
SLIC
LCP1511D
-48V
V2
Rsense
Rp
V(RMS)
50 Hz
I1
Rs
Fig. 24: AC power fault test in Speech mode.
Fig. 25: Example of behavior when facing test 3
(400V, 600
Ω).
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com