Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1220 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1220 Datasheet HTML 1Page - STMicroelectronics AN1220 Datasheet HTML 2Page - STMicroelectronics AN1220 Datasheet HTML 3Page - STMicroelectronics AN1220 Datasheet HTML 4Page - STMicroelectronics AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
5/13
Rsense
Rp
1
2
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
FS
SW3 SW1
Fuse
TIP
GND
-Vbat
External
voltage
reference
ILG
VLG
ILG
V
A2
LG
4
5
6
VREF1
-VREF2
Fig. 6: Switching by current during speech mode.
In normal conditions, the working point of this circuit is located in region 4 of A2 curve : the CLP270M is idle.
When a surge occurs on the line, the external voltage reference device clamps at GND or -Vbat respectively
for positive and negative surges.
This generates a current which is detected by Rsense and causes the protection to act : the line is
short-circuited to GND.
The operating point moves to region 5 for positive surges or region 6 for negative surges.
Once the surge current falls below the switching-off current ISWOFF, the CLP270M returns to its initial state
(region 4).
The choice of the switching-on currents is function of the Rsense resistors.
In normal operating condition the current (typically below -100 mA) should not activate the protection
device CLP270M. Therefore the level of activation has to be chosen just above this limit (-200 mA). This
level is adjusted through Rsense.
Figures 7a and 7b enable the designers to choose the right Rsense value.
Example:
The choice of Rsense =4
Ω ensures a negative triggering of -190 mA min and -320 mA max. In this case, the
positive triggering will be 150mA min and 280 mA max.
Fig. 7a and 7b: Switching-on current versus Rsense.
3
5
7
9
11
13
0.2
0.3
0.5
1
2
Rsense ( )
Ω
ISWON (T, Rsense) / ISWON (25°C, 4
)
Ω
@-20°C @25°C
@75°C
35
7
9
11
50
100
200
300
500
Rsense ( )
Ω
Iswon @ 25°C (mA)
Iswon min
negative
Iswon max
negative
Iswon min
positive
Iswon max
positive
4. Speech mode
In speech mode (Ring relay in position 1), the protection is provided by the combination of both CLP270M
and the external voltage reference device (see figure 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com