Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1220 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1220 Datasheet HTML 1Page - STMicroelectronics AN1220 Datasheet HTML 2Page - STMicroelectronics AN1220 Datasheet HTML 3Page - STMicroelectronics AN1220 Datasheet HTML 4Page - STMicroelectronics AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
3/13
2. Application circuit: CLP270M in line card
Figure 3 shows the topology of a protected analog subscriber line at the exchange side. The CLP270M is
connected to the ring relay via two balanced Rp resistors, and to the Subscriber Line Interface Circuit. A
second device is located near the SLIC : it can be either a LCP1511D, a THDT series or a LCDP1511D.
These two devices are complementary and their functions are explained below :
n
The first stage based on CLP270M manages the high power issued from the external surges. When
used in ringing mode, the CLP270M operates in voltage mode and provides a symmetrical and
bidirectional overvoltage protection at +/- 270 V on both TIP and RING lines. When used in speech
mode, the CLP270M operates in current mode and the activation current of the CLP270M is adjusted
by Rsense.
n
The second stage is the external voltage reference device which defines the firing threshold voltage
during the speech mode and also assumes a residual power overvoltage suppression. This protection
stage can be either a fixed or programmable breakover device. The THDTxx family acts as a fixed
breakover device while the LCP1511D or the LCDP1511D operates as a programmable protection.
Thanks to this topology, the surge current in the line is reduced after the CLP270M. Because the
remaining surge energy is low, the power ratings of Rp, the ring relay contacts and the external voltage
reference circuit can be downsized. This results in a significant cost reduction.
Rsense
Rp
1
2
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
FS
SW3 SW1
Fuse
TIP
GND
ILG
VLG
1/2 CLP270M
ILG
V
1
2
3
-270
+270
A1
Fig. 4: Switching by voltage during ringing mode.
3. Ringing mode
In ringing mode (Ring relay in position 2), the only protection device involved is the CLP270M.
In normal conditions, the CLP270M operates in region 1 of A1 curve, and is idle.
If an overvoltage occuring between TIP (or RING) and GND reaches the internal overvoltage reference
(+/- 270 V), the CLP270M acts and the line is short-circuited to GND. At this time the operating point
moves to region 2 for positive surges (region 3 for negative surges). Once the surge current falls below
the switch off current ISWOFF, the device returns to its initial state (region 1).
For surges occuring between TIP and RING, the CLP270M acts in the same way. This means that the
CLP270M ensures a tripolar protection.
When used alone, the CLP270M acts at the internal overvoltage reference level (+/- 270 V). Furthermore, it
is possible to adjust this threshold level to a lower voltage by using:
n
up to 4 fixed external voltage reference (VZ1 to VZ4) (see fig. 5a, here-below).
n
external reference supplies, Vb1 and Vb2 (see fig. 5b, on next page).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com