Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1220 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1220
Description  LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1220 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1220 Datasheet HTML 1Page - STMicroelectronics AN1220 Datasheet HTML 2Page - STMicroelectronics AN1220 Datasheet HTML 3Page - STMicroelectronics AN1220 Datasheet HTML 4Page - STMicroelectronics AN1220 Datasheet HTML 5Page - STMicroelectronics AN1220 Datasheet HTML 6Page - STMicroelectronics AN1220 Datasheet HTML 7Page - STMicroelectronics AN1220 Datasheet HTML 8Page - STMicroelectronics AN1220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
APPLICATION NOTE
4/13
RINGS
Rsense
Rsense
1
2
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
RINGL
FS
GND
SW3 SW1
SW4 SW2
1
2
Fuse
Fuse
TIP
RING
VZ1
VZ2
VZ3
VZ4
Rp
Rp
Fig. 5a: Method to adjust the reference voltage.
RINGS
Rsense
1
2
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
Overvoltage
reference
(+/- 270 V)
Overvoltage
detector
Overcurrent
detector
OR
TIPL
TIPS
RINGL
FS
GND
SW3 SW1
SW4 SW2
Rsense
1
2
Fuse
Fuse
TIP
RING
VB1
VB2
Rp
Rp
Fig. 5b: Method to adjust the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com