Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2252 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 7Page - STMicroelectronics AN2252 Datasheet HTML 8Page - STMicroelectronics AN2252 Datasheet HTML 9Page - STMicroelectronics AN2252 Datasheet HTML 10Page - STMicroelectronics AN2252 Datasheet HTML 11Page - STMicroelectronics AN2252 Datasheet HTML 12Page - STMicroelectronics AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN2252
Application circuit description
11/21
2.2.2
Transformer design
The initial power transformer specification is as follows:
●
Minimum input voltage 320VAC = 450VDC
●
Minimum switching frequency at full load and minimum input voltage 50kHz
●
Reflected flyback voltage 500V
●
Converter efficiency at full load and minimum input voltage 90%
The initial power transformer design was further optimized by VOGT Electronic Components
GmbH to cope with such a high voltage. Special attention was paid to guarantee VDE
distances by padding the winding ends.
To improve magnetic coupling, not only the primary winding but also the secondary was
split. The two primary windings so obtained have half the total number of turns each and are
connected in series while the two secondary windings have the nominal number of turns
and are connected in parallel. The windings are laid out as follows starting from the winding
nearest the core: W1 (Primary 1), W2 (Secondary 1), W3 (Primary 2), W4 (Secondary 2)
and W5 (Auxiliary). The transformer is designed so as to comply with the EN60950 safety
standard for CE certification. If the transformer must be compliant with the UL standard – on
the flammability of isolation material – whose compliance is mandatory for applications
implemented in the USA, then some modifications are required. The transformer’s physical
appearance, dimensions and winding arrangement are shown in Figure 6.
Figure 6.
Power transformer dimensions and winding arrangement
R13, R14
2
82k
Ω
Resistor, size 0414, metal film, 500V, 2W, 5%
R17, R20
2
4,7k
Ω
Resistor, size 0204, metal film, 250V, 0.185W, 1%
R18
1
39k
Ω
Resistor, size 0204, metal film, 250V, 0.185W, 1%
R19
1
120k
Ω
Resistor, size 0204, metal film, 250V, 0.185W, 1%
T1
1
SL 040 923 11 03 VOGT-electronic, Power transformer, ETD39, N67
T2
1
SL 040 903 21 02 VOGT-electronic, Current transformer, RM13*7*4.5, Fi 340
U1
1
L6565
STMicroelectronics, quasi-resonant SMPS controller, DIP-8
U2
1
TL431AI
STMicroelectronics, shunt Reference, 2.5V, 1 to 100mA, 2%, TO-91, –40 to
105°C
U3
1
PC817
optocoupler, SHARP, Viso = 5kV, CTR = 50..600% at IF = 5mA, DIP-4
Table 2.
Bill of materials
Referenc
e
Qty
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com