Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2252 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics AN2252 Datasheet HTML 16Page - STMicroelectronics AN2252 Datasheet HTML 17Page - STMicroelectronics AN2252 Datasheet HTML 18Page - STMicroelectronics AN2252 Datasheet HTML 19Page - STMicroelectronics AN2252 Datasheet HTML 20Page - STMicroelectronics AN2252 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Conclusion
AN2252
20/21
Note that the ESBT switch does not have any external heat sink attached to its case. The
other most heating elements and sources of loss are the mains transformer and output
capacitors. Even when the loss generated by these passive components is minimized by a
suitable component selection and a good design, they are still significant overall converter
loss sources.
3
Conclusion
This application note shows how to build a high-input voltage power supply operating in
quasiresonant mode. The obtained efficiency is around the target value and can be further
improved by introducing a synchronous rectifier in the place of the secondary diode. With its
high speed, low conduction loss and low turn-on loss, the ESBT does not need a heatsink to
be used as a primary switch.
As this power supply is designed for use as an auxiliary supply, and only part of the
application is supplied from its input bulk capacitor, the EMI filter was not accommodated on
the board and the power supply was not tested for EMC compliance.
4
References
●
AN1699, “Efficient driving network for ESBT to reduce the dynamic VCESAT and
enhance the switching performances”
●
AN1889, “ESBT STC03DE170 IN 3-PHASE AUXILIARY POWER SUPPLY”
5
Revision history
Table 7.
Temperatures of the power switches at full load
Input voltage [VDC]
ESBT temperature [°C]
Diode D12 temperature [°C]
450
80.5
82
620
79.7
80.2
Table 8.
Revision history
Date
Revision
Changes
Dec-2005
1
First issue
28-Nov-2006
2
- The document has been reformatted
- Table 2. and Figure 5. modified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com