Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2252 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics AN2252 Datasheet HTML 16Page - STMicroelectronics AN2252 Datasheet HTML 17Page - STMicroelectronics AN2252 Datasheet HTML 18Page - STMicroelectronics AN2252 Datasheet HTML 19Page - STMicroelectronics AN2252 Datasheet HTML 20Page - STMicroelectronics AN2252 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AN2252
Application circuit description
17/21
Figure 15. shows the same waveforms as Figure 13. but at 10% of the specified load. The
storage time is the same as for full load: about 800ns. This proves the good design and
operation of the current transformer that maintains a constant storage time for different
loads and input voltages. Figure 13., Figure 14. and Figure 15. also highlight the valley-
skipping function of the control IC which helps keep the switching frequency within a
reasonable range.
Figure 15.
Primary switch collector voltage, gate voltage and base current at 10%
load and minimum input voltage
Note:
Channel 1 shows the switch collector voltage (dark blue), channel 2 shows the gate voltage
(light blue) and channel 4 shows the base current (green).
Figure 16. shows that the storage time remains stable even under maximum input voltage
conditions.
Figure 16.
Primary switch collector voltage, gate voltage and base current at 10%
load and maximum input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com