Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2252 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics AN2252 Datasheet HTML 16Page - STMicroelectronics AN2252 Datasheet HTML 17Page - STMicroelectronics AN2252 Datasheet HTML 18Page - STMicroelectronics AN2252 Datasheet HTML 19Page - STMicroelectronics AN2252 Datasheet HTML 20Page - STMicroelectronics AN2252 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Application circuit description
AN2252
18/21
Figure 17. shows the principle of the emitter-switching operation of the ESBT. During the
turn-off time the BJT enters the storage time area which can be identified by a negative
base current. The amplitude of the base current during the storage time is equal to the
actual collector current just before gate turn-off. The base-emitter junction is not conducting
and all the collector current flows through the collector-base junction. This process is similar
to the reverse recovery of a standard diode. Since the recovery current is high, the storage
time is very short. The storage time can be easily read from Figure 17. and its value is of
about 800ns. Since the baseemitter junction is not conducting, current crowding and hot-
spot effects are greatly reduced, which gives rise to an excellent square Reverse Bias Safe
Operating Area (RBSOAR) similar to the Safe Operating Area (SOAR) of power MOSFETS.
Figure 17.
Detailed view of the primary switch base current
Figure 18. shows the part of the base current waveform that corresponds to the storage
time. Collector voltage is also represented. The Collector voltage rise indicates where
storage finishes and the current fall time begins.
Figure 18.
Detailed view of the primary switch base current
Note:
Channel 4 shows the base current (green) and channel 1 shows the collector voltage (blue).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com