Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2252 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 9Page - STMicroelectronics AN2252 Datasheet HTML 10Page - STMicroelectronics AN2252 Datasheet HTML 11Page - STMicroelectronics AN2252 Datasheet HTML 12Page - STMicroelectronics AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics AN2252 Datasheet HTML 16Page - STMicroelectronics AN2252 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN2252
Application circuit description
13/21
The number of turns of primary winding W2 was optimized so as to achieve the turns ratio
W2/ W1 at which the current transformer follows the current gain of the ESBT and thus
provides proportional base current bias for the ESBT over the whole specified input voltage
range and output load range. An overview of the major parameters for each winding is given
in Table 6.
2.3
PCB Layout
The PCB is designed as a single-sided board made of FR-4 material with a 70µm copper
plating, solder and silk screen mask. The assembled board contains only throughhole
components. The outline dimensions are 139 x 61mm. The top side of the assembly can be
seen in Figure 8.
Figure 8.
Assembly schematic
Figure 9. represents the PCB layout of the copper connections. The holes for through hole
components are not shown.
Table 5.
Current transformer core parameters
Description
Value
Shape
R13×7×4.5
Material
Fi 340
Inductance Factor A
L [nH]
2200
Table 6.
Current transformer winding parameters
Start Pin
End Pin
No. of turns
Wire diameter [mm]
Wire material
Inductance [H]
3
5
12
0.355
CuLL
313 × 10-6
6
1
3
0.355
CuLL
19.6 × 10-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com