Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2252 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 12Page - STMicroelectronics AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics AN2252 Datasheet HTML 16Page - STMicroelectronics AN2252 Datasheet HTML 17Page - STMicroelectronics AN2252 Datasheet HTML 18Page - STMicroelectronics AN2252 Datasheet HTML 19Page - STMicroelectronics AN2252 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application circuit description
AN2252
16/21
full negative current that flows during the storage time. Only part of it can be seen. The
storage time estimated from Figure 13. is of about 800ns.
Figure 13.
Primary switch collector voltage, gate voltage and base current at full
load and minimum input voltage
Note:
Channel 1 shows the switch collector voltage (dark blue), channel 2 shows the gate voltage
(light blue) and channel 4 shows the base current (green).
Figure 14. shows the same waveforms as Figure 13. but under maximum input voltage
conditions. Since the flyback voltage is lower than the input voltage, the switch turn-on does
not occur at zero voltage as can be seen from the collector voltage. The storage time
remains the same.
Figure 14.
Primary switch collector voltage, gate voltage and base current at full
load and maximum input voltage
Note:
Channel 1 shows the switch collector voltage (dark blue), channel 2 shows the gate voltage
(light blue) and channel 4 shows the base current (green).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com