Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2252 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2252
Description  The flyback converter is a popular choice in applications where the required power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2252 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2252 Datasheet HTML 8Page - STMicroelectronics AN2252 Datasheet HTML 9Page - STMicroelectronics AN2252 Datasheet HTML 10Page - STMicroelectronics AN2252 Datasheet HTML 11Page - STMicroelectronics AN2252 Datasheet HTML 12Page - STMicroelectronics AN2252 Datasheet HTML 13Page - STMicroelectronics AN2252 Datasheet HTML 14Page - STMicroelectronics AN2252 Datasheet HTML 15Page - STMicroelectronics AN2252 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Application circuit description
AN2252
12/21
The basic parameters of the power transformer's ferrite core selected from VOGT's ferrite
materials and shapes are shown in Table 3. The gap size was optimized to meet the current
and inductance requirements necessary to provide the nominal output power over the whole
input voltage range.
An overview of the major parameters for each winding can be found in Table 4. Because of
the discontinuous conduction flyback, the winding current has only an AC component, and
so care was taken of minimizing the eddy current loss. For this reason the primary and
secondary windings are made of Litz wire.
As was already mentioned, the ESBT requires a proportional base drive to operate. This
function is provided by current transformer T2. The basic parameters of the current
transformer's ferrite core selected from VOGT's ferrite materials and shapes are given in
Table 5. The physical appearance, dimensions and winding arrangement of the current
transformer are shown in Figure 7.
Figure 7.
Current transformer dimensions and winding arrangement
Table 3.
Power transformer core parameters
Shape
ETD39
Material
Mf 198
Inductance Factor AL[nH]
132
Table 4.
Power transformer winding parameters
Order
Start Pin
End Pin
No. of
turns
Wire diameter
[mm]
Wire material
Inductance [H]
1
1
2
78
4 × 0.2
CuLL
803 × 10-6
2
9
16
8
20 × 0.2
CuLL
8.4 × 10-6
3
2
4
78
4 × 0.2
CuLL
803 × 10-6
4
10
15
8
20 × 0.2
CuLL
8.4 × 10-6
5
7
8
5
0.2
CuLL
3.3 × 10-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com