Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4209 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4209
Description  Design methodology for repetitive voltage suppressors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4209 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4209 Datasheet HTML 3Page - STMicroelectronics AN4209 Datasheet HTML 4Page - STMicroelectronics AN4209 Datasheet HTML 5Page - STMicroelectronics AN4209 Datasheet HTML 6Page - STMicroelectronics AN4209 Datasheet HTML 7Page - STMicroelectronics AN4209 Datasheet HTML 8Page - STMicroelectronics AN4209 Datasheet HTML 9Page - STMicroelectronics AN4209 Datasheet HTML 10Page - STMicroelectronics AN4209 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID023949 Rev 2
7/19
AN4209
STRVS parameters
Junction-to-ambient thermal resistance (Rth(j-a))
The thermal resistance Rth(j-a) is the heat dissipation capability from the junction surface of
the die to the ambient, via all paths. Its value is strongly dependent on the type of board, the
copper plane underneath the device, the neighboring components interacting through the
PCB, and the mounting and cooling methods (free or forced airflow).
Actual performance of the product in real applications may be different. Values provided in
datasheet are typical values and should be used with some measure of caution. It is useful
for comparing the thermal performance of one package to another as shown in Table 1.
Therefore, this information may be used for the first pass of junction temperature
calculation. The thermal resistance Rth(j-a) value with minimum footprint is recommended
when the user starts a design calculation. Figure 5 shows the Rth(j-a) dependency of a SMB
package over copper plane area.
Figure 5. Junction-to-ambient thermal resistance over copper plane area of SMB
package
Junction-to-lead thermal resistance (Rth(j-l))
The thermal resistance Rth(j-l) is the heat dissipation capability from the junction surface of
the die to the package lead. This parameter is useful for estimating the junction temperature
from a measurement of the lead temperature. The designer can determine the lead
temperature of the device under application conditions with a fine gauge thermocouple or
Table 1. Typical package performance comparison for minimum footprint and 35 µm
copper thickness on board
Thermal resistance
Package
Unit
DO-15
DO-201
SMB
SMC
Junction-to-lead, Rth(j-l)
35
23
13
12
°C/W
Junction-to-ambient Rth(j-a)
105
100
185
150
°C/W
0
20
40
60
80
100
120
140
160
180
200
01234
56789
10
Rth(j-a) (°C/W)
Copper surface (cm2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com