Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4209 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4209
Description  Design methodology for repetitive voltage suppressors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4209 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4209 Datasheet HTML 1Page - STMicroelectronics AN4209 Datasheet HTML 2Page - STMicroelectronics AN4209 Datasheet HTML 3Page - STMicroelectronics AN4209 Datasheet HTML 4Page - STMicroelectronics AN4209 Datasheet HTML 5Page - STMicroelectronics AN4209 Datasheet HTML 6Page - STMicroelectronics AN4209 Datasheet HTML 7Page - STMicroelectronics AN4209 Datasheet HTML 8Page - STMicroelectronics AN4209 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID023949 Rev 2
3/19
AN4209
STRVS parameters
1
STRVS parameters
This section defines the electrical and thermal characteristics of the STRVS.
1.1
Electrical parameters
Figure 1. Typical reverse characteristic VR = (IR) of an STRVS device
Figure 1 shows the typical reverse characteristic given at two temperatures of an STRVS
device.
Stand-off voltage (VRM)
The stand-off voltage is specified for I = IRM = 1 µA and Tj = 25 °C. Under these conditions,
the device is still acting as an open circuit. This parameter is one of the key parameters in
circuit protection.
Breakdown voltage (VBR)
The breakdown voltage corresponds to the voltage from which the STRVS starts to go into
the avalanche region. This parameter is specified for I = IBR = 1 mA and Tj = 25 °C. The VBR
parameter follows a linear variation with junction temperature as shown in Equation 1.
Equation 1
Where TREF = reference temperature expressed in °C, generally given at 25 °C and
T = temperature coefficient in 1/°C.
I(A)
V(V)
0
TJ2 >TJ1 TJ1= 25°C
IBR(25°C)- 1mA
IRM(25°C)- 1µA
IPP(25°C)
(
)
)
T
(T
1
)
(T
V
)
(T
V
REF
j
T
REF
BR
j
BR
-
·
+
·
=
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com