Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4209 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4209
Description  Design methodology for repetitive voltage suppressors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4209 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4209 Datasheet HTML 11Page - STMicroelectronics AN4209 Datasheet HTML 12Page - STMicroelectronics AN4209 Datasheet HTML 13Page - STMicroelectronics AN4209 Datasheet HTML 14Page - STMicroelectronics AN4209 Datasheet HTML 15Page - STMicroelectronics AN4209 Datasheet HTML 16Page - STMicroelectronics AN4209 Datasheet HTML 17Page - STMicroelectronics AN4209 Datasheet HTML 18Page - STMicroelectronics AN4209 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Design example
AN4209
16/19
DocID023949 Rev 2
3.3
Dissipated power calculation
Let’s verify that Tjpeak < 125 °C, and VCLtyp(500 mA; Tjavg) < VPmax.
3.3.1
Power losses calculation:
The curve is fitted in operating region to find RD, VCL0 (see Figure 11):
From Equation 4, RD equals:
From Equation 5, VCL0 is calculated as:
The dissipated power during the clamping time is now calculated:
The average power dissipation PD is calculated:
3.3.2
Peak and average junction temperature calculation:
Considering the low
T
j, due to the low value of tsw, before the thermal cst time thermal of
the device (see Section 1.2.2), the peak and average junction temperature are considered
identical:
From Equation 5, Tjpeak equals:
VCLtyp(IPPmax; 112°C) < VCLtyp(IPPmax; 125°C) < VPmax, STRVS185X02B is selected.
The power switch and STRVS should be both safe.
3.4
In-situ verification
The designer verifies all criteria with the final protection device.
Due to neighboring components sharing the same PCB layout in the system, Tjpeak can be
estimated more accurately with thermal measurement done from the lead. Table 5 presents
measurements results obtained with STRVS.
Ω
=
=
°5
)
125
;
600
;
400
(
D
D
R
C
mA
mA
R
V
V
C
mA
mA
V
CL
CL
178
)
125
;
600
;
400
(
0
0
=
=
°
W
P
R
I
V
I
P
dt
t
I
t
V
t
P
Step
D
PPmax
CL
PPmax
Step
t
PP
CL
p
Step
p
9
.
44
6
)
2
3
(
)
(
)
(
1
0
0
=
·
·
+
·
·
=
·
=
∫
W
P
P
F
t
P
D
step
SW
p
D
34
.
0
=
·
·
=
C
T
T
P
R
T
peak
peak
j
amb
D
a
j
TH
j
°
=
+
·
=
-
112
max
)
(
Table 5. Sample measurements
IPPpeak
tp
Tj
600 mA
65 ns
116 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com