Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4209 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4209
Description  Design methodology for repetitive voltage suppressors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4209 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4209 Datasheet HTML 10Page - STMicroelectronics AN4209 Datasheet HTML 11Page - STMicroelectronics AN4209 Datasheet HTML 12Page - STMicroelectronics AN4209 Datasheet HTML 13Page - STMicroelectronics AN4209 Datasheet HTML 14Page - STMicroelectronics AN4209 Datasheet HTML 15Page - STMicroelectronics AN4209 Datasheet HTML 16Page - STMicroelectronics AN4209 Datasheet HTML 17Page - STMicroelectronics AN4209 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Design example
AN4209
14/19
DocID023949 Rev 2
3
Design example
The case study corresponds to protection of a MOSFET device. Because of stray
inductance in series with the power switch STP50NF25, fast transient over voltages appear
across it at each switching period. A STRVS device is therefore inserted in parallel to protect
the switch.
Applications conditions are shown in Table 3:
3.1
STRVS pre-selection
Considering a safety margin of 15% VPmax is given by Equation 13.
Equation 13
Considering the criteria 1 and 2, several STRVS can be pre-selected as shown in Table 4
3.2
Clamping voltage assessment
Since the application requires a surface mount package (SMD) protection, STRVS185X02B
is primarily selected. Based on the methodology, the current will be sensed in application
with a DO-15 package to minimize the thermal issue. Current and voltage waveforms across
the device are shown below during the clamping time.
Table 3. Worst case application conditions (maximum values)
Voperationmax
FSW
IPP
Tambmax
VDSS
Package
120 V
100 kHz
Unknown
50 °C
250 V
SMD
Table 4. Possible pre-selected devices
Order code
VRMmax @
[1 µA, 25 °C]
VBRmax @
[1 mA, 25 °C]
Tmax @
[1 mA]
Package
STRVS182X02F/C
128 V
158 V
10.8·10-4/°C
DO-201/SMC
STRVS185X02B/E
128 V
158 V
10.8·10-4/°C
SMB/DO-15
STRVS222X02F
154 V
189 V
10.8·10-4/°C
DO-201
STRVS225X02E
154 V
189 V
10.8·10-4/°C
DO-15
V
V
V
DSS
P
212
85
.
0
max
=
·
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com