Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4209 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4209
Description  Design methodology for repetitive voltage suppressors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4209 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4209 Datasheet HTML 7Page - STMicroelectronics AN4209 Datasheet HTML 8Page - STMicroelectronics AN4209 Datasheet HTML 9Page - STMicroelectronics AN4209 Datasheet HTML 10Page - STMicroelectronics AN4209 Datasheet HTML 11Page - STMicroelectronics AN4209 Datasheet HTML 12Page - STMicroelectronics AN4209 Datasheet HTML 13Page - STMicroelectronics AN4209 Datasheet HTML 14Page - STMicroelectronics AN4209 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID023949 Rev 2
11/19
AN4209
General design procedure
2
General design procedure
This section presents general design guidelines. Figure 8 shows a simplified schematic
where an STRVS device is inserted between the noisy source and the vulnerable device to
protect it against repetitive transient surges.
Figure 8. Basic STRVS protection circuit
2.1
Key Rules
To ensure that absolute ratings are not exceeded, designers have to evaluate the worst
case conditions in the application to select the suitable device. The three criteria shown in
Table 2 are required:
2.2
Transil selection process
This proposed methodology is based on a systematic approach to match the general case
study. The device selection uses a recursive process. Steps are described below:
VCL
IPP
Noisy
source
t
VCL
Device
under
test
Vsurge
Voperationmax
Vsurge
VPmax
IPP
Protection
Table 2. Basic design criteria
Criteria
Application conditions
Device parameter
1
Be invisible under operating voltage
(standby). Leakage current should
have no effect on normal circuit
performance
Maximum operating
voltage,
Voperationmax
Stand-off voltage
Voperationmax < VRM
2
Protect device against repetitive
electrical overstress by instantly
clamping spike voltages to a
nondestructive level.
Voltage protection,
VPmax
Clamping voltage
VCLtyp (IPPmax;125 °C) < VPmax
3
Maintain the junction temperature
within specifications to guarantee a
high reliability. This point must be
obeyed in transient and steady state
working mode.
Repetitive current,
IPPmax
Power dissipation,
Tj < Tjmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com