Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4209 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4209
Description  Design methodology for repetitive voltage suppressors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4209 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4209 Datasheet HTML 1Page - STMicroelectronics AN4209 Datasheet HTML 2Page - STMicroelectronics AN4209 Datasheet HTML 3Page - STMicroelectronics AN4209 Datasheet HTML 4Page - STMicroelectronics AN4209 Datasheet HTML 5Page - STMicroelectronics AN4209 Datasheet HTML 6Page - STMicroelectronics AN4209 Datasheet HTML 7Page - STMicroelectronics AN4209 Datasheet HTML 8Page - STMicroelectronics AN4209 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
STRVS parameters
AN4209
4/19
DocID023949 Rev 2
Clamping voltage (VCL)
The clamping voltage is the total voltage across the STRVS over the peak pulse current IPP
at a given temperature. A range of typical values provides the characteristics of the
clamping voltage for given values of peak current (IPP), and three controlled junction
temperatures: 25 °C, 85 °C and 125 °C. All curves start from VCL(1 mA) = VBRmax. Figure 2
illustrates VCL curves of an STRVS185X02B. These curves are useful for verifying the
suitability of the allowable clamping voltage in application.
Figure 2. Clamping voltage characteristic over temperatures of an STRVS185X02B
1.1.1
Simplified electrical model
A linear model can be employed to approximate the VCL = f (IPP) characteristics of the
STRVS. A straight line is used to approximate the actual curve inside the working area
imposed by the application conditions (see Figure 3). The line intersects the horizontal axis
at the voltage VCL0. The slope of the line is inversely proportional to the dynamic resistance
RD. The equivalent circuit that models this equation is shown in Figure 4.
0.0
1.0
2.0
3.0
4.0
5.0
155
160
165
170
175
180
185
190
195
VCL (V)
I(A)
T
j=25°C
T
j=85°C
T
j=125°C
V
BRmax
25°C
V
BRmax
85°C
V
BRmax
125°C
1m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com