Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4209 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4209
Description  Design methodology for repetitive voltage suppressors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4209 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4209 Datasheet HTML 9Page - STMicroelectronics AN4209 Datasheet HTML 10Page - STMicroelectronics AN4209 Datasheet HTML 11Page - STMicroelectronics AN4209 Datasheet HTML 12Page - STMicroelectronics AN4209 Datasheet HTML 13Page - STMicroelectronics AN4209 Datasheet HTML 14Page - STMicroelectronics AN4209 Datasheet HTML 15Page - STMicroelectronics AN4209 Datasheet HTML 16Page - STMicroelectronics AN4209 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID023949 Rev 2
13/19
AN4209
General design procedure
2.3
Transil selection flowchart
Figure 9 summarizes the selection procedure:
Figure 9. Device selection process overview
Use
bigger
package
Use
bigger
package
Application conditions :
V
operationmax ;VPmax ;Tambmax
Application conditions :
V
operationmax ;VPmax ;Tambmax
Design safe
Design safe
NO
Power losses calculation
T
j evaluation
Power losses calculation
T
j evaluation
V
RM (25°C) > Voperationmax
V
BR (25°C) < V Pmax
V
RM (25°C) > Voperationmax
V
BR (25°C) < V Pmax
Tj < 125°C
V
CLtyp (IPPmax ;125°C) < V Pmax
Select the highest rated voltage
to reduce both Transil power
dissipation & quiescent current..
Select the highest rated voltage
to reduce both Transil power
dissipation & quiescent current..
Decrease the
voltage
rating
Check if 3 criteria are respected
with the final device in practice.
Check if 3 criteria are respected
with the final device in practice.
Select the smallest package
available.
Select the smallest package
available.
NO
YES
Requested measurements
I
PP
Æ V
CLtyp
T
lead
Æ
< 125°C
T
jpeak
YES
Experimental
Theoretical
Voperationmax
Maximum operating voltage across
the device in standby mode (negligible
leakage current consumption).
VPmax
Maximum clamping voltage to not
exceed in application.
VCLtyp(IPPmax; 125°C)
Typical clamping voltage versus peak
current flowing though the device and
its operating junction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com