Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4407 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4407 Datasheet HTML 3Page - STMicroelectronics AN4407 Datasheet HTML 4Page - STMicroelectronics AN4407 Datasheet HTML 5Page - STMicroelectronics AN4407 Datasheet HTML 6Page - STMicroelectronics AN4407 Datasheet HTML 7Page - STMicroelectronics AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics AN4407 Datasheet HTML 10Page - STMicroelectronics AN4407 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID025572 Rev 1
7/19
AN4407
Description
19
Figure 7. Section of the driving network related to the demo board
It is important to ensure that the current flowing through Rx is negligible compared to the
current flowing through the sensing resistor Rs.
Hence, a 1Ω resistor was chosen.
1.2
Parasitic inductance effects
Usually, to drive the fast switching super-junction MOSFET, it is necessary to reduce the
impact of the package and the parasitic effects introduced by the layout. This aspect is well
known for low voltage MOSFETs where high current values are commonly detected. But
what happens when a high voltage device is used on an application where clearance and
creepage distance requirements must be considered?
This section demonstrates the impact of the parasitic inductance of the single source lead
deriving from the connection of the lead with the die (Figure 8 and Figure 9).
The impact of the package is limited by the internal wire bonding. There are several ways to
calculate the magnitude of this effect, the first being to analyze the parasitic inductance due
to a wire.
GIPG211120131744FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com