Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4407 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4407 Datasheet HTML 10Page - STMicroelectronics AN4407 Datasheet HTML 11Page - STMicroelectronics AN4407 Datasheet HTML 12Page - STMicroelectronics AN4407 Datasheet HTML 13Page - STMicroelectronics AN4407 Datasheet HTML 14Page - STMicroelectronics AN4407 Datasheet HTML 15Page - STMicroelectronics AN4407 Datasheet HTML 16Page - STMicroelectronics AN4407 Datasheet HTML 17Page - STMicroelectronics AN4407 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Description
AN4407
14/19
DocID025572 Rev 1
Figure 19. Efficiency comparison at different power level
The improvement in terms of efficiency is negligible at lower power levels, but it becomes
significant when the power level increases. The efficiency improvement in the demo board
at maximum power level (2 kW) achieves a highly significant value of 0.32%.
Figure 20. Efficiency comparison at different power level
From a thermal point of view, the temperature gap is already significant at low power levels
and reaches 20°C at the maximum load.
GIPG261120131722FSR
GIPG261120131727FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com