Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4407 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4407 Datasheet HTML 9Page - STMicroelectronics AN4407 Datasheet HTML 10Page - STMicroelectronics AN4407 Datasheet HTML 11Page - STMicroelectronics AN4407 Datasheet HTML 12Page - STMicroelectronics AN4407 Datasheet HTML 13Page - STMicroelectronics AN4407 Datasheet HTML 14Page - STMicroelectronics AN4407 Datasheet HTML 15Page - STMicroelectronics AN4407 Datasheet HTML 16Page - STMicroelectronics AN4407 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID025572 Rev 1
13/19
AN4407
Description
19
Figure 17. Switching energy comparison @ 500 W and 1 kW(a)
Figure 18. Switching energy comparison @ 1.5 kW and 2kW(a)
Figure 17 and Figure 18 demonstrate that the new solution has more impact when the
power level, and hence the current, are very high. In particular, the reduction of the on-
switching loss is always present and increases with the power level, while the drop in the
off-switching loss becomes more evident when the power level increases.
The new solution is therefore always advantageous across the entire power spectrum and,
in a market which is always seeking energy saving solutions, it allows the attainment of new
thermal and efficiency targets.
a.
For MDmesh M5 MOSFETs in TO-247 (3 pin) and MDmesh M5 MOSFETs in TO247-4 (4 pin)
GIPG261120131712FSR
GIPG261120131717FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com