Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4407 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4407 Datasheet HTML 1Page - STMicroelectronics AN4407 Datasheet HTML 2Page - STMicroelectronics AN4407 Datasheet HTML 3Page - STMicroelectronics AN4407 Datasheet HTML 4Page - STMicroelectronics AN4407 Datasheet HTML 5Page - STMicroelectronics AN4407 Datasheet HTML 6Page - STMicroelectronics AN4407 Datasheet HTML 7Page - STMicroelectronics AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Description
AN4407
4/19
DocID025572 Rev 1
Figure 2. Demo board of PFC 2 kW using MOSFETs in TO247-4 (4 pin)
1.1
Approach to the study
Usually, in electronic power systems, a feedback network is implemented to create a control
of the electrical parameters (for the DC/DC converter, this can involve both the output
voltage and output current or only one of these). In order to control the current on the
system, a resistor is often connected in series to the line under control, forming a common
path between the input and output network. The information coming from this element,
(voltage across the sensing resistor) is used as the control signal and sent to the pin of the
driver. This pin is connected to an input of the internal comparator inside the driver; it’s
output signal is used to regulate the conduction time of the power switch.
When the power switch requires particular source/sink current values, the drivers are
created with a push-pull on the output (Figure 3). The feedback type is known as current
sampling series-mixing, which offers the main benefit of increasing the input impedance,
while the drawback lies in the impact of the output net on the driving circuitry. A possible way
to reduce the latter phenomenon is to separate the input circuit from the output one, which is
along the lines of the solution proposed by STMicroelectronics.
GIPG211120131727FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com