Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4407 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4407 Datasheet HTML 11Page - STMicroelectronics AN4407 Datasheet HTML 12Page - STMicroelectronics AN4407 Datasheet HTML 13Page - STMicroelectronics AN4407 Datasheet HTML 14Page - STMicroelectronics AN4407 Datasheet HTML 15Page - STMicroelectronics AN4407 Datasheet HTML 16Page - STMicroelectronics AN4407 Datasheet HTML 17Page - STMicroelectronics AN4407 Datasheet HTML 18Page - STMicroelectronics AN4407 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DocID025572 Rev 1
17/19
AN4407
Conclusions
19
3
Conclusions
The introduction of the fourth (driving) pin strongly improves the dynamic performance of
Power MOSFET devices, which is even more evident when the switching current levels and
the output power levels are higher during both device turn-off and turn-on. The test results
show that the MDmesh™ M5 technology device assembled with the driving source pin
provides significant benefits when the switching current is higher than approximately 10 A at
turn-off, but the advantages are present at all power levels. Different increments in efficiency
were measured for different power levels, and in a market where power levels are always
increasing, each small efficiency improvement represents a large advantage for energy
saving systems demanded in today’s very competitive market.
For our demo board, the energy saving was almost 7 W at maximum output power (2 kW).
The most important benefit, however, lies in the thermal behavior: in fact, a small magnitude
of power loss is translated into a difference of many degrees (around 20°C) on case
temperatures for the power device. Lower working temperatures allow the use of smaller
heat sinks which occupy less area on board or, more importantly, can increase the reliability
of the entire system.
4
References
1.
N. Mohan, T. M. Undeland, W. P. Robbins: “Power Electronics: converters,
applications, and design”, Second edition, John Wiley & Sons, New York, 1995.
2.
Won-suk Choi, Dong-kook Son, Markus Hallenberger and Sungmo Young"Driving and
Layout Requirements for Fast Switching MOSFETs.”
3.
Y. Xiao, H. Shah, T. P. Chow and R. J. Gutmann"Analytical Modeling and Experimental
Evaluation of Interconnect Parasitic Inductance on MOSFET Switching Characteristics”
4.
Jon Mark Hancock, "Super junction FETs Boost Efficiency in PWMs", in Power
Electronics Technology, July 2005, pp. 20-29.
5.
G.Sorrentino, M. Melito, F. Chimento, S. Musumeci, A. Raciti "SiC Diodes and
MDmesh™ 2nd Generation Devices Improve Efficiency in PFC Applications”,
Proceedings of the 4th International Conference on Integrated Power Electronics
Systems, CIPS 2006, 7-9th June 2006, Napoli, Italy, pp. 195-199.
6.
C. Adragna Application Note AN1792, “Design of fixed-off-time-controlled PFC pre-
regulators with the L6562", STMicroelectronics, November 2003.
7.
STMicroelectronics, AN2951 "3 kW fixed-off-time (FOT) power factor correction”, June
2010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com