Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4407 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4407 Datasheet HTML 1Page - STMicroelectronics AN4407 Datasheet HTML 2Page - STMicroelectronics AN4407 Datasheet HTML 3Page - STMicroelectronics AN4407 Datasheet HTML 4Page - STMicroelectronics AN4407 Datasheet HTML 5Page - STMicroelectronics AN4407 Datasheet HTML 6Page - STMicroelectronics AN4407 Datasheet HTML 7Page - STMicroelectronics AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID025572 Rev 1
3/19
AN4407
Description
19
1
Description
The aim of the following paper is to illustrate the analysis evaluating the performance of the
STMicroelectronicsMDmeshM5 super-junction MOSFET housed in a TO-2474-lead
package with an additional driving pin.
The new electrical symbol and package are shown in Figure 1. Note the repositioned drain,
source and gate pins to allow the introduction of the Kelvin pin (pin 3), always ensuring the
right creepage distance.
Figure 1. Package silhouette and electrical symbol (4 pin)
A demonstration power board (Figure 2) was created for test purposes, which implements a
2 kW PFC designed for industrial applications, using a FOT (Fixed-Off-Time) control
patented by ST. The PFC stage functions mainly in CCM and can be supplied directly from
AC mains between 185 and 265 VRMS to provide a 400 V stable and regulated DC bus. This
system was chosen because it allows investigation of the parasitic effect on the switching
system. Furthermore, the working CCM properties allow investigation of both the on and off
switching operations. Table 1shows the principal electrical specifications.
Table 1. Electrical characteristics
Parameter
Value
Vin
from 185 Vac to 265 Vac
Line frequency
50 Hz
Output voltage
400 Vdc
Max output voltage
2000 W
Output voltage ripple
5%
Max switching frequency
55 kHz
Ripple (Kr) inductor current
0.25
IC in used
L6563
Drain(1)
Gate(4)
Driver
source(3)
Power
source(2)
TO247-4
1
23
4
GIPG211120131627FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com