Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4407 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4407
Description  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4407 Datasheet HTML 1Page - STMicroelectronics AN4407 Datasheet HTML 2Page - STMicroelectronics AN4407 Datasheet HTML 3Page - STMicroelectronics AN4407 Datasheet HTML 4Page - STMicroelectronics AN4407 Datasheet HTML 5Page - STMicroelectronics AN4407 Datasheet HTML 6Page - STMicroelectronics AN4407 Datasheet HTML 7Page - STMicroelectronics AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2015
DocID025572 Rev 1
1/19
AN4407
Application note
Advantage of the use of an added driver source lead in discrete
Power MOSFETs
Antonino Gaito, Marc Laudani, Massimo Nania, Cristiano Gianluca Stella
Introduction
In modern power supply design, more and more attention is given to the electrical efficiency
of an overall system and to the junction temperature of semiconductor devices handling all
the power to be converted into a usable form.
Among all the semiconductor devices, transistors are by far the most important category;
almost all of them are three pin devices (MOSFET, BJT, IGBT) and, as opposed to diodes,
they have a driving section which makes them more sensitive to issues related to the
interaction between power to handle and input signal. Even if this document focuses on
Power MOSFETs, in some cases the results could be extended to other power transistors
depending on the current level to be switched and on the switching speed. The aim of this
document is to illustrate the limitation related to a 3-pin device and detail the advantages of
using a fourth driving source pin, also known as Kelvin source, besides the traditional power
source.
In a 3-pin device, during every switching (turn-on or turn-off) cycle, the stray inductance of
the source wire bonding coupled with the slope of the current being interrupted always
generates a voltage signal opposite to the driving signal (VGS) of a MOSFET, in our case.
The effect of this opposing signal is to slow down the switching cycle, which in turn
increases the cycle by cycle switching loss. The introduction of the Kelvin source pin allows
separating the path of the power from that of the driving signal and to refer the driving
network to the Kelvin source, where no current is supposed to flow. In this situation, it is
possible to obtain a driving signal which is immune to any disturbance deriving from the
verylarge and fast current variation flowing though the power path. This results in the
reduction of the overall power loss in the transistor, and consequently a lower operating
temperature and potentially more reliable and longer lasting power systems.
www.st.com


Similar Part No. - AN4407

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN44071A PANASONIC-AN44071A Datasheet
387Kb / 1P
Stepper Motor Driver IC?셲 From Panasonic
AN44071A-VF PANASONIC-AN44071A-VF Datasheet
1Mb / 68P
Driver IC for Stepping Motor
AN44075A PANASONIC-AN44075A Datasheet
271Kb / 11P
Driver IC for DC motor
More results

Similar Description - AN4407

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9008 FAIRCHILD-AN-9008 Datasheet
124Kb / 9P
The Use of QFETs in a Flyback Converter
logo
ON Semiconductor
AND8349-D ONSEMI-AND8349-D Datasheet
237Kb / 6P
Automotive Applications The Use of Discrete
May, 2009 ??Rev. 1
logo
EUROQUARTZ limited
32.768-2X6 EUROQUARTZ-32.768-2X6 Datasheet
143Kb / 1P
An industry-standard source of 32.768kHz clock signals
32.768-3X8 EUROQUARTZ-32.768-3X8 Datasheet
144Kb / 1P
An industry-standard source of 32.768kHz clock signals
logo
Rochester Electronics
LM6161J ROCHESTER-LM6161J Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
logo
STMicroelectronics
AN2842 STMICROELECTRONICS-AN2842 Datasheet
902Kb / 22P
Paralleling of power MOSFETs in PFC topology
29-Jul-2009
logo
Fairchild Semiconductor
AN9008 FAIRCHILD-AN9008 Datasheet
130Kb / 9P
The Use of QFETs in a Flyback Converter
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
The care, amount of use, and handling of the dies.
logo
Maxim Integrated Produc...
MAX35104EVKIT2 MAXIM-MAX35104EVKIT2 Datasheet
1Mb / 7P
Easy Evaluation of the MAX35104 in an Embedded Environment
Rev 0; 5/18
logo
List of Unclassifed Man...
CT25E-16T75-1 ETC-CT25E-16T75-1 Datasheet
257Kb / 1P
Added photo of part.
1-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com