Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1775 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1775 Datasheet HTML 5Page - STMicroelectronics AN1775 Datasheet HTML 6Page - STMicroelectronics AN1775 Datasheet HTML 7Page - STMicroelectronics AN1775 Datasheet HTML 8Page - STMicroelectronics AN1775 Datasheet HTML 9Page - STMicroelectronics AN1775 Datasheet HTML 10Page - STMicroelectronics AN1775 Datasheet HTML 11Page - STMicroelectronics AN1775 Datasheet HTML 12Page - STMicroelectronics AN1775 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AN1775
3 Reset management
9/27
3
Reset management
Both the Main Voltage Regulator and the Low Power Voltage Regulator contain an LVD.
They keep the device under reset when the corresponding controlled voltage value (V18 or
V18BKP falls below 1.35V±10%).
The LVDs do not monitor V33 which supplies the I/O and analog parts of the device.
Note:
During power-on, a reset must be provided externally.
At power on, the nRSTIN pin must be held low by an external reset circuit until V33.
Figure 6 gives an example of the hardware implementation of the RESET circuit for STR71x
devices.
The STM1001 low-power CMOS microprocessor supervisory circuit is used to assert a
reset signal whenever the V33 voltage falls below a preset threshold or a manual reset is
asserted.
Figure 6.
Hardware reset implementation
STR71x
nRSTIN
GND
* these values are given only as typical example
V33
1
GND
not Reset
VCC
GND
+3V3
2
3
+3V08
STM1001T
VSS
+3V3
2K2
GND
1nF
+3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com