Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1775 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1775 Datasheet HTML 10Page - STMicroelectronics AN1775 Datasheet HTML 11Page - STMicroelectronics AN1775 Datasheet HTML 12Page - STMicroelectronics AN1775 Datasheet HTML 13Page - STMicroelectronics AN1775 Datasheet HTML 14Page - STMicroelectronics AN1775 Datasheet HTML 15Page - STMicroelectronics AN1775 Datasheet HTML 16Page - STMicroelectronics AN1775 Datasheet HTML 17Page - STMicroelectronics AN1775 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
6 Reference Design
AN1775
14/27
6
Reference Design
6.1
Main
This reference design is based on the STR710FZ2T6, a highly integrated microcontroller,
running at 48 MHz that combines the popular ARM7TDMITM 32-bit RISC CPU with 256 Kbytes
of embedded flash, 64 Kbytes of high speed SRAM, and numerous on-chip peripherals
.
6.1.1
Clock
●
+3.3 V surface mounted 16 MHz oscillator provides the main clock source: S113, please
refer to Section 2.1 on page 6 for more details.
●
RTC real-time clock for wakeup from standby mode with 32 KHz crystal: Y101
, please
refer to Section 2.2 on page 6 for more details.
6.1.2
Reset
One push button S112 is used to generate a hardware reset, please refer to Section 3 on page
9 for more details.
6.1.3
Boot mode
Three switches S108, S109 and S110 are used to select the boot Mode, please refer to
Section 4 on page 10 for more details.
6.1.4
Wake-Up
S111 push button is used to exit from STANDBY mode (power supply voltage removed except
Real time Clock).
For more details, please refer to the STR71x reference manual.
6.2
Power supplies
Power to the board is supplied using a power supply providing 5 V DC to the board. All other
required voltages are provided by the on-board voltage regulator 3V3 LD1085V33 and Zener
Diode LM4040 for ADC input voltage.
For more details, refer to LD1085V33, LM4040 datasheets and Section 1 on page 4.
6.3
USB full speed interface
USB full speed interface device supported via type B connector. The USB clock uses a
separate 48 MHz oscillator.
A transistor circuit is used to indicate the cable status (Cable connected USB/IND pin = 0 logic,
Cable deconnected = USB/IND pin = 1 logic).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com