Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1775 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1775 Datasheet HTML 1Page - STMicroelectronics AN1775 Datasheet HTML 2Page - STMicroelectronics AN1775 Datasheet HTML 3Page - STMicroelectronics AN1775 Datasheet HTML 4Page - STMicroelectronics AN1775 Datasheet HTML 5Page - STMicroelectronics AN1775 Datasheet HTML 6Page - STMicroelectronics AN1775 Datasheet HTML 7Page - STMicroelectronics AN1775 Datasheet HTML 8Page - STMicroelectronics AN1775 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN1775
1 Power management
5/27
●
V18 can be used to supply an externally regulated 1.8V, but V33 must supply the IOs
●
V18BKP pin can be used to externally supply the backup logic, but V33 must supply the
IOs
●
The switch in Figure 2, opened only during STANDBY mode, disconnects the V18 domain
from the V18BKP domain
It is possible to switch-off the MVR and keep LPVR on when the device is in low-power mode
(SLOW, WFI, LPWFI, STOP or STANDBY). The LPVR has a different design from the main VR
and generates a non-stabilized and non-thermally-compensated voltage of approximately 1.6V.
In STANDBY mode the Low Power VR can be switched off when an external regulator provides
a 1.8V supply to the chip through the V18BKP pin for use by RTC and Wake-Up block.
In this case we must to keep the 3.3V on pin V33 even if the two regulators are switch off to
keep stable state on the I/Os.
Remark:The PLL is automatically disabled (PLL off) when the MVR is switched off and the
maximum allowed operating frequency is 1 MHz. This is due to the limitation imposed by the
LPVR which is not able to generate sufficient current to operate in run mode.
The MAIN DEVICE CORE is powered from an external 3V3 power supply pin (V33) through the
main regulator.
For more details on the power regulators, refer to the STR71x Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com