Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1775 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1775 Datasheet HTML 12Page - STMicroelectronics AN1775 Datasheet HTML 13Page - STMicroelectronics AN1775 Datasheet HTML 14Page - STMicroelectronics AN1775 Datasheet HTML 15Page - STMicroelectronics AN1775 Datasheet HTML 16Page - STMicroelectronics AN1775 Datasheet HTML 17Page - STMicroelectronics AN1775 Datasheet HTML 18Page - STMicroelectronics AN1775 Datasheet HTML 19Page - STMicroelectronics AN1775 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
6 Reference Design
AN1775
16/27
6.9
Flash
One Flash 2M word is connect to External Interface Memoy EMI and mapped from 0x6000
0000 to 0x603F FFFF (boot bank).
For more details, refer toFlash memory M28W320ECB datasheet.
6.10
LCD interface
LCd 2 * 16 is connected to external interface memory EMI.
Address 2 A2 is used as the LCD register address signal.
Region space available from 0x6400 0000 to 0x65FF FFFF
6.11
Conclusions and recommendations
●
System clock jitter values decrease when the system clock is delivered by STR71x internal
PLL1 (comparing to the jitter values on the external oscillator inputs), because the noise
injected in the CLK pin input was filtered by the internal PLL.
●
It is possible to use one single external 4MHz oscillator to generate both core, peripheral’s
clocks and 48MHz USB clock to minimize and save board cost and space.
●
With this single external oscillator generating both the system clock using PLL1 and the
48Mhz USB clock using PLL2, the STR710/STR711 has all the characteristics to pass the
requirements for USB revision 2.0 full speed device test and get the USB certification.
Particular care must be taken to decrease external oscillator noise while routing its clock on
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com