Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1775 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1775 Datasheet HTML 9Page - STMicroelectronics AN1775 Datasheet HTML 10Page - STMicroelectronics AN1775 Datasheet HTML 11Page - STMicroelectronics AN1775 Datasheet HTML 12Page - STMicroelectronics AN1775 Datasheet HTML 13Page - STMicroelectronics AN1775 Datasheet HTML 14Page - STMicroelectronics AN1775 Datasheet HTML 15Page - STMicroelectronics AN1775 Datasheet HTML 16Page - STMicroelectronics AN1775 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN1775
5 Debug management
13/27
For more details on the JTAG port refer to the IEEE standard 1149.1-1993, “Standard Test
Access Port-Scan Boundary Architecture” specification.
RTCK
GND
(not used)
Return TCK (to
JTAG
equipment)
Some devices sample TCK (for example a synthesizable core
with only one clock), and this has the effect of delaying the
time that a component actually captures data. Using a
mechanism called adaptive clocking, the RTCK signal is
returned by the core to the JTAG equipment, and the clock is
not advanced until the core had captured the data. In adaptive
clocking mode, the debugging equipment waits for an edge on
RTCK before changing TCK.
TDO
JTDO
Test data out (to
JTAG
equipment)
TDO is the return path of the data input signal TDI.
nSRST
nRSTIN
System reset
(bidirectional)
nSRST is an active LOW open-collector signal that can be
driven by the JTAG equipment to reset the target board. Some
JTAG equipment senses this line to determine when a board
has been reset by the user.
When the signal is driven LOW by the reset controller on the
core module, the motherboard resets the whole system by
driving nSYSRST low.
DBGRQ
DBGRQS
(not used
w/ 64pin)
Debug request
(from JTAG
equipment)
DBGRQ is a request for the processor core to enter debug
state.
DBGACK
GND
(not used)
Debug
acknowledge
(to JTAG
equipment)
DBGACK indicates to the debugger that the processor core
has entered debug mode.
Std Name
STR71x
Description
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com