Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1775 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1775 Datasheet HTML 7Page - STMicroelectronics AN1775 Datasheet HTML 8Page - STMicroelectronics AN1775 Datasheet HTML 9Page - STMicroelectronics AN1775 Datasheet HTML 10Page - STMicroelectronics AN1775 Datasheet HTML 11Page - STMicroelectronics AN1775 Datasheet HTML 12Page - STMicroelectronics AN1775 Datasheet HTML 13Page - STMicroelectronics AN1775 Datasheet HTML 14Page - STMicroelectronics AN1775 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN1775
5 Debug management
11/27
5
Debug management
The Host/Target interface is the hardware equipment that connects the Host to the application
board. This interface is made of three components: a hardware debug tool, such as Micro-ICE
from ARM, a JTAG connector and a cable connecting the host to the debug tool.
Figure 8 shows the connection of the host to the STR71x board.
Figure 8.
Host to board connection
5.1
ICE debug tool
ICE Debug tool is a host interface that connects a PC to an STR71x development board
featuring a debug interface as shown in Figure 8. The Embedded ICE is an intelligent host
interface that provides fast access to host services, access to on-chip emulation and debug
facilities. When you are using the ST7R71x board as stand-alone system, the ICE Debug tool
can be used to download programs.
The STR71x development kit supports the ARM RealView ICE Micro Edition. The Micro-ICE is
plugged in to the host via a USB cable.
5.2
JTAG / ICE connector
The ICE connector enables JTAG hardware debugging equipment, such as RealView-ICE, to
be connected to the ST7R71x board. It is possible to both drive and sense the system-reset
line, and to drive JTAG reset to the core from the ICE connector. The Figure 9 shows the ARM
ICE connector pin-out.
The STR71x has a user debug interface. This interface contains a five-pin serial interface
conforming to JTAG, IEEE standard 1149.1-1993, “Standard Test Access Port-Scan Boundary
Architecture”. JTAG allows the ICE device to be plugged to the board and used to debug the
software running on the STR71x.
JTAG emulation allows the core to be started and stopped under control of the connected
debugger software. The user can then display and modify registers and memory contents, and
set break and watch points.
STR71x BOARD
HOST PC
ICE Debug tool
Power
Supply
ICE connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com