Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1775 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1775
Description  STR71x Hardware Development Getting Started
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1775 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1775 Datasheet HTML 8Page - STMicroelectronics AN1775 Datasheet HTML 9Page - STMicroelectronics AN1775 Datasheet HTML 10Page - STMicroelectronics AN1775 Datasheet HTML 11Page - STMicroelectronics AN1775 Datasheet HTML 12Page - STMicroelectronics AN1775 Datasheet HTML 13Page - STMicroelectronics AN1775 Datasheet HTML 14Page - STMicroelectronics AN1775 Datasheet HTML 15Page - STMicroelectronics AN1775 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
5 Debug management
AN1775
12/27
Figure 9.
Ice connector implementation
Note: 1 In order for JTAG and Chip Reset to be synchronized the J4 jumper must be fitted.
2 STR71x has a Debug Request (DBGRQS) pin, on 144-pin packages only. This active high
signal can be used to force the core to enter Debug Mode, giving the Emulation system access
to internal resources (code, registers, memory, etc). This pin must be kept LOW when
emulation is not being used.
The following table describes the JTAG connector pins:
Std Name
STR71x
Description
Function
nTRST
JTRST
Test Reset
(from JTAG
equipment)
This active LOW open-collector is used to reset the JTAG port
and the associated debug circuitry. It is asserted at power-up
by each module, and can be driven by the JTAG equipment.
TDI
JTDI
Test data in
(from JTAG
equipment)
TDI goes down the stack of modules to the motherboard and
then back up the stack, labelled TDO, connecting to each
component in the scan chain.
TMS
JTMS
Test mode
select (from
JTAG
equipment)
TMS controls transitions in the tap controller state machine.
TMS connects to all JTAG components in the scan chain as
the signal flows down the module stack.
TCK
JTCK
Test clock (from
JTAG
equipment)
TCK synchronizes all JTAG transactions. TCK connects to all
JTAG components in the scan chain. Series termination
resistors are used to reduce reflections and maintain good
signal integrity. TCK flows down the stack of modules and
connects to each JTAG component. However, if there is a
device in the scan chain that synchronizes TCK to some other
clock, then all down-stream devices are connected to the
RTCK signal on that component.
GND
(3)
nTRST
10K*
3V3
GND
(5)
TDI
(7)
TMS
(9)
TCK
(11)
RTCK
(13)
TDO
(15)
nSRST
(17)
DBGRQ
(19)
DBGACK**
STR71x
nJTRST
JTDI
JTMS
JTCK
JTDO
nRSTIN
DBGRQS
10K*
(4)
(6)
(8)
(10)
(12)
(14)
(16)
(18)
(20)
GND
3V3
(2)
(1)
VTref
3V3
GND
10K*
JTAG Connector CN9
CONN_2*10 RA_IDC
J4
J4
* these values are given only as typical example
** The Debug acknowledge to JTAG equipment (DBGACK pin) is not used.
GND
GND
10K
47K
3V3
GND
50v
10nF
22K
TR2
TR1
BC846
BC846
Note 1
See
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com