Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2383 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 9Page - STMicroelectronics AN2383 Datasheet HTML 10Page - STMicroelectronics AN2383 Datasheet HTML 11Page - STMicroelectronics AN2383 Datasheet HTML 12Page - STMicroelectronics AN2383 Datasheet HTML 13Page - STMicroelectronics AN2383 Datasheet HTML 14Page - STMicroelectronics AN2383 Datasheet HTML 15Page - STMicroelectronics AN2383 Datasheet HTML 16Page - STMicroelectronics AN2383 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
AN2383
Schematic
Doc ID 12433 Rev 3
13/39
ALARM has to be sent to the MCU as fast as possible, therefore this input has been
configured as an external interrupt. As soon as an alarm occurs, the MCU immediately
starts the alarm management routine so it can rapidly take the necessary actions.
DATA, SCLK and /LE are used to drive the 8-bit constant current LED sink driver present in
the user interface board. In this way, the MCU can address a 7-segment display using only 3
pins.
PWM0 generates a PWM signal with a 50% duty cycle. It is sent directly to the IGBT driver.
Depending on the working level (and therefore on the power required), the frequency of the
square waveform varies in a range between 19 and 60 kHz.
RELAY and FAN drive the safety relay in the mains circuitry and the fan, respectively. The
fan is used to cool the heatsink next to the IGBTs and the power diode bridge.
The last pin, 50 Hz, is configured as an external interrupt. It is synchronized with the voltage
mains and, every 10 ms, it captures the moment when the AC voltage crosses zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com