Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2383 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 18Page - STMicroelectronics AN2383 Datasheet HTML 19Page - STMicroelectronics AN2383 Datasheet HTML 20Page - STMicroelectronics AN2383 Datasheet HTML 21Page - STMicroelectronics AN2383 Datasheet HTML 22Page - STMicroelectronics AN2383 Datasheet HTML 23Page - STMicroelectronics AN2383 Datasheet HTML 24Page - STMicroelectronics AN2383 Datasheet HTML 25Page - STMicroelectronics AN2383 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Measurements at PWM frequency
AN2383
22/39
Doc ID 12433 Rev 3
6.2
Working level 1
Figure 13.
System working at level 1
Level 1 is the first and the lowest power working level. The PWM signal frequency,
previously set to 60 kHz, smoothly decreases until the working current for level 1 is reached.
As seen before, the PWM frequency is not constant and is adjusted in real-time to keep the
current level constant. Natural changes such as the iron dilatation or the water warming up,
slightly modify the resonant frequency and therefore the current delivered.
For the 22 cm-diameter iron pot used for the test, level 1 means a PWM frequency of around
48.5 kHz, but variations of several kilohertz are possible and necessary in order to keep the
current level constant.
In this test, level 1 features a 40 ampere peak-to-peak current (I-PLATE, 20 ampere per
division).
PVM
UP-G
LW-G
I - PLATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com