Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2383 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 27Page - STMicroelectronics AN2383 Datasheet HTML 28Page - STMicroelectronics AN2383 Datasheet HTML 29Page - STMicroelectronics AN2383 Datasheet HTML 30Page - STMicroelectronics AN2383 Datasheet HTML 31Page - STMicroelectronics AN2383 Datasheet HTML 32Page - STMicroelectronics AN2383 Datasheet HTML 33Page - STMicroelectronics AN2383 Datasheet HTML 34Page - STMicroelectronics AN2383 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AN2383
Bill of material
Doc ID 12433 Rev 3
31/39
11
Bill of material
Table 1.
Bill of material (part 1 of 3)
Item
Quantity
Reference
Part
Supplier
1
2
C30, C38
100 µF 35 V
2
1
C33
100 µF 16 V
3
3
C1, C4, C5
1 µF 275 VAC X2
4
1
C15
1 µF ceramic
5
2
C2, C3, C41
3,3 nF 250 VAC X1 Y1
6
4
C6, C18, C19, C20
22 nF 50 V ceramic
7
6
C8, C21, C24, C28, C31, C32
100 nF 50 V ceramic
8
3
C9, C34, C39
10nF 50 V ceramic
9
1
C10
3 µF 400 V
10
2
C11, C12
680 nF 1000 V
11
2
C13, C14
33nF 1000V
12
1
C16
2,2 nF 50 V ceramic
13
3
C17, C25, C29
10 µF 35 V
14
2
C22, C23
10 µF 400 V
15
1
C26
330 µF 35 V
16
1
C27, C40
330 nF 50 V
17
1
C35
220 µF 16 V
18
2
C36, C37
47 nF 50 V ceramic
19
1
DL1
LED red d. 3
20
1
DY1
Com. anode display
21
2
D1, D3, D13
1N4007
22
1
D2
Diode bridge 25 A
23
8
D4, D5, D6, D7, D8, D9, D17, D18
STTH102
ST
24
1
D10
STPS2H100
ST
25
1
D14
BAT46
ST
26
1
D15
PKC-136
ST
27
1
D16
Diode bridge 1.5 A
28
3
FST1, FST2, FST3
Faston vertical 6.3 mm
29
2
FST4, FST5
Screw
30
8
J1, J2, J4, J5, J9, J10, J12, J13
CON6
31
4
J3, J6, J11, J14
CON12
32
1
J7
CON10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com