Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2383 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 19Page - STMicroelectronics AN2383 Datasheet HTML 20Page - STMicroelectronics AN2383 Datasheet HTML 21Page - STMicroelectronics AN2383 Datasheet HTML 22Page - STMicroelectronics AN2383 Datasheet HTML 23Page - STMicroelectronics AN2383 Datasheet HTML 24Page - STMicroelectronics AN2383 Datasheet HTML 25Page - STMicroelectronics AN2383 Datasheet HTML 26Page - STMicroelectronics AN2383 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN2383
Measurements at PWM frequency
Doc ID 12433 Rev 3
23/39
6.3
Working level 9
Figure 14.
System working at level 9
Level 9 is the highest working level, with the system delivering maximum output power. To
increase output power, the PWM frequency must be decreased. Moving the working levels
up or down corresponds to a smooth increase or decrease of the PWM frequency, until the
current level for the selected working level is reached.
For the 22 cm-diameter iron pot used for the tests, level 9 means a PWM frequency of
around 25.0 kHz and a corresponding 100 ampere peak-to-peak current (I-PLATE, 50
ampere per division).
PVM
UP-G
LW-G
I - PLATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com