Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2383 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 28Page - STMicroelectronics AN2383 Datasheet HTML 29Page - STMicroelectronics AN2383 Datasheet HTML 30Page - STMicroelectronics AN2383 Datasheet HTML 31Page - STMicroelectronics AN2383 Datasheet HTML 32Page - STMicroelectronics AN2383 Datasheet HTML 33Page - STMicroelectronics AN2383 Datasheet HTML 34Page - STMicroelectronics AN2383 Datasheet HTML 35Page - STMicroelectronics AN2383 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Bill of material
AN2383
32/39
Doc ID 12433 Rev 3
Table 2.
Bill of material (part 2 of 3)
Item
Quantity
Reference
Part
Supplier
33
1
J8
Fan 12 V 1,9 W
34
1
L1
TDK_TF2510H customized
TDK
35
1
L2
80 µH SF1-800Y10A-01-
PF
TDK
36
1
L3
330 µH
37
1
NTC1
NTC 47 k
38
1
NTC2
PT1000
39
1
PT1
50 k vertical
40
3
P1, P2, P3
TACT-2 normally open
41
2
Q1, Q2
STGY40NC60VD
ST
42
1
Q3
BC337
43
1
Q5
STS5NF60L
ST
44
5
R3, R52, R53, R37, R50
10K 5% ¼ W
45
5
R20, R23, R54, R55, R56
10K 1% ½ W metal oxide
46
1
RL1
12 V (16 A 250 VAC)
47
1
RV1
460 V
48
1
RV2
275 V
49
3
R1, R5, R19
470 k 2 W
50
6
R2, R10, R28, R46, R48
4K 17 5% ¼ W
51
1
R36
4K7 1% ½ W metal oxide
52
1
R4
8K2 5% ¼ W
53
1
R9
8K2 1% ½ W metal oxide
54
3
R11, R12, R13
4K3 1% ½ W metal oxide
55
3
R6, R7, R26
220K 1% ½ W metal oxide
56
1
R8
270K 1% ½ W metal oxide
57
3
R14, R15, R17
4K3 1% ½ W metal oxide
58
1
R16
2K2 5% ¼ W
59
1
R35
2K2 1% ½ W metal oxide
60
1
R18
100R 2W
61
2
R21, R24
47R 1% ½ W metal oxide
62
2
R22, R25, R29
11R 1% ½ W metal oxide
63
5
R27, R38, R39, R43, R58
1K 5% ¼ W
64
1
R57
1K 1% ½ W metal oxide
65
1
R30
n. c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com