Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2383 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 17Page - STMicroelectronics AN2383 Datasheet HTML 18Page - STMicroelectronics AN2383 Datasheet HTML 19Page - STMicroelectronics AN2383 Datasheet HTML 20Page - STMicroelectronics AN2383 Datasheet HTML 21Page - STMicroelectronics AN2383 Datasheet HTML 22Page - STMicroelectronics AN2383 Datasheet HTML 23Page - STMicroelectronics AN2383 Datasheet HTML 24Page - STMicroelectronics AN2383 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AN2383
Measurements at PWM frequency
Doc ID 12433 Rev 3
21/39
6
Measurements at PWM frequency
The following scope waveforms were taken during the different working phases. These
signals are synchronized with the PWM signal, therefore running at PWM signal frequency.
The waveforms shown in Figure 12 and Figure 13 were taken while a 22 cm-diameter iron
pot filled with water was placed on the plate.
6.1
Powering the plate (with pot)
Figure 12.
Plate power-on (with pot on the plate)
The DC link voltage is applied to the plate and the 60 kHz PWM signal with 50% duty cycle
is applied to the half-bridge driver for half a second. UP-G and LW-G are the upper side gate
signal and the lower side gate signal, respectively. Of course they must be complementary
and there must be a certain dead time between the upper gate pulse and the lower one. The
dead time is set by hardware (L6384, resistor on pin 3).
Since the pot is on the plate, a certain current starts to flow through the plate (I-PLATE). The
unit in Figure 12 is expressed in volts, but the current probe connected to the scope is set at
20 amperes per division. This means that at plate power-on the system is already delivering
a 20 ampere peak-to-peak current.
PVM
UP-G
LW-G
I - PLATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com