Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2383 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 24Page - STMicroelectronics AN2383 Datasheet HTML 25Page - STMicroelectronics AN2383 Datasheet HTML 26Page - STMicroelectronics AN2383 Datasheet HTML 27Page - STMicroelectronics AN2383 Datasheet HTML 28Page - STMicroelectronics AN2383 Datasheet HTML 29Page - STMicroelectronics AN2383 Datasheet HTML 30Page - STMicroelectronics AN2383 Datasheet HTML 31Page - STMicroelectronics AN2383 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Software management
AN2383
28/39
Doc ID 12433 Rev 3
9
Software management
The MCU has to process six types of events: pot-on-plate detection, temperature, keyboard
scan, display refresh and current control. These events are processed every 20
milliseconds; in fact, they are synchronized with the zero voltage switching signal.
The ZVS circuitry generates a square wave with a frequency of 50 Hz. The signal is sent to
the ei1 MCU pin, which is configured as an external interrupt input for both rising and falling
edges. Therefore, an MCU interrupt is generated every time a falling edge or a rising edge
occurs on the pin.
Figure 18.
The six most important software events
The first event, shown in Figure 18 as number 1, takes place as soon as the interrupt
triggered by a rising edge on the ZVS signal occurs. Pot-on-plate detection is performed by
sampling the voltage drop on the VLINK signal during this time.
Before another interrupt occurs, there is still a lot of time to handle three other events.
Events 2 and 3 monitor the temperature of the heatsink and the plate respectively. During
event number 4, the keyboard is scanned to check if a key has been pressed (or released).
A software anti-bounce has been implemented to avoid undesired conditions.
Event number 5 takes place immediately after the interrupt generated by a falling edge of
the ZVS signal occurs. The display refresh routine is performed.
During the last event, number 6, the I-CTRL signal is scanned and compared to the look-up
table that the software refers to for each working level. If any discrepancy appears between
1
2
34
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com