Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2476 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 9Page - STMicroelectronics AN2476 Datasheet HTML 10Page - STMicroelectronics AN2476 Datasheet HTML 11Page - STMicroelectronics AN2476 Datasheet HTML 12Page - STMicroelectronics AN2476 Datasheet HTML 13Page - STMicroelectronics AN2476 Datasheet HTML 14Page - STMicroelectronics AN2476 Datasheet HTML 15Page - STMicroelectronics AN2476 Datasheet HTML 16Page - STMicroelectronics AN2476 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
AN2476
Power supply and clocks
13/49
1.7.2
Peripheral clock scheme
Figure 8.
Peripheral clock Scheme
ATM7TDMI-S
EXTIT REGISTERS
GPIO REGISTERS
USB
/4 or /8
REGISTERS & USB SRAM
MRCC_PCLKEN(28)
MRCC_PCLKEN(24)
MRCC_PCLKEN(16)
MRCC_PCLKEN(9)
MRCC_PCLKEN(9)
UART2
MRCC_PCLKEN(22)
MRCC_PCLKEN(21)
MRCC_PCLKEN(20)
SSP1
MRCC_PCLKEN(14)
MRCC_PCLKEN(13)
MRCC_PCLKEN(18)
CK_SYS
HCLK (UP TO 64MHz)
PWM
16-BIT
REGISTERS
SRAM
FLASH
SMI
EIC
MRCC
REGISTERS
MRCC_PCLKEN(0)
ADC
PRESCALER
REGISTERS
ADC
CK_USB (48MHz)
COUNTER
16-BIT
PRESC
TIM2
16-BIT
REGISTERS
COUNTER
16-BIT
PRESC
TIM1
16-BIT
REGISTERS
COUNTER
16-BIT
PRESC
TIM0
16-BIT
REGISTERS
COUNTER
16-BIT
PRESC
16-BIT
REGISTERS
COUNTER
16-BIT
PRESC
TB
MRCC_PCLKEN(5)
MRCC_PCLKEN(4)
MRCC_PCLKEN(3)
MRCC_PCLKEN(2)
MRCC_PCLKEN(1)
CK_USB (48MHìz)
/1,2,4,6,8,10,12,14
CK_ADC
TCONV=30xTADC
up to
10MHz
16-BIT INTEGER
6-BIT FRACTIONAL
DIVIDER
BAUD
/16
RATE
/(CPSDVR(1+SCR)
- IN MASTER MODE: BIT RATE MAX = PCLK/2
CPSDVR=2,4,6,8,10,12,...,254 (even number)
SCR=0,1,2,3,..,255
BIT RATE
- IN SLAVE MODE: BIT RATE MAX = PCLK/12
FULL SPEED : 12Mbps
REGISTERS
UART1
16-BIT INTEGER
6-BIT FRACTIONAL
DIVIDER
BAUD
/16
RATE
REGISTERS
UART0
16-BIT INTEGER
6-BIT FRACTIONAL
DIVIDER
BAUD
/16
RATE
REGISTERS
REGISTERS
SSP0
/(CPSDVR(1+SCR)
- IN MASTER MODE: BIT RATE MAX = PCLK/2
CPSDVR=2,4,6,8,10,12,...,254 (even number)
SCR=0,1,2,3,..,255
BIT RATE
- IN SLAVE MODE: BIT RATE MAX = PCLK/12
REGISTERS
I2C
/2(CC)+7
REGISTERS
BAUD RATE IN
STD MODE
/3(CC)+9
BAUD RATE IN
FAST MODE
UP TO 100kHz
UP TO 400kHz
CC=2,3,4,..,4095
CC=2,3,4,..,4095
CAN
REGISTERS & CAN SRAM
4 BITS
BAUD-RATE PRESCALER
6 BITS
BIT
BAUD RATE
UP TO 1MBps
QUANTUM
WATCHDOG
REGISTERS
16-BIT
COUNTER
8-BIT
PRESC
RESET
PCLK
RTC
REGISTERS
32-BIT
COUNTER
20-BIT
PRESC
DATE
ALARM
CK_RTC
CK_RTC
7-BIT
REGISTERS
PRESC
SMI_CK
UP TO 48MHz
CK_RTC MUST BE AT LEAST
4X TIMES SLOWER THAN PCLK
AHB PRESC
/(1,2,4,8)
APB PRESC
/(1,2,4,8)
(UP TO 64MHz)
PCLK (UP TO 32MHz)
/2
GP-DMA
HCLK
CK_TIM (UP TO 64MHz)
PCLK
PCLK
CK_TIM
PCLK
CK_TIM
PCLK
CK_TIM
PCLK
CK_TIM
PCLK
CK_TIM
PCLK
PCLK
PCLK
PCLK
PCLK
PCLK
PCLK
PCLK
PCLK
PCLK
PCLK
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com