Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2476 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 18Page - STMicroelectronics AN2476 Datasheet HTML 19Page - STMicroelectronics AN2476 Datasheet HTML 20Page - STMicroelectronics AN2476 Datasheet HTML 21Page - STMicroelectronics AN2476 Datasheet HTML 22Page - STMicroelectronics AN2476 Datasheet HTML 23Page - STMicroelectronics AN2476 Datasheet HTML 24Page - STMicroelectronics AN2476 Datasheet HTML 25Page - STMicroelectronics AN2476 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Power supply and clocks
AN2476
22/49
Note:
This latency does not occur if the software fetches from SRAM when it restarts. Any access
to Flash will be performed correctly, but will result in wait states being inserted if the Flash is
not ready.
If you disable the OSC4M oscillator in STOP Mode, using the LP_PARAM15 bit in the Power
Management Control register (MRCC_PWRCTRL), the clock configuration is lost and
returns to reset state. Software must re-configure the clocks when the MCU wakes-up from
STOP mode.
Debug mode
If using the debug features of the ARM7TDMI-S, and the current application puts the MCU
in STOP mode, the debug connection will be lost, because the ARM7TDMI-S core is no
longer clocked.
However, using Low Power Debug mode, the software can be debugged even with extensive
use of STOP mode. To enable this feature, set the LPMC_DBG bit after RESET. In this
configuration, whenever a STOP mode entry sequence is successfully executed, the MCU
goes into WFI Mode instead of STOP mode, so the core keeps running and its debug
features remain active.
As WFI is performed instead of STOP mode, the WFI_FLASH_EN must be set (see
Section 1.8.4: WFI mode: Wait For Interrupt mode on page 16);
1.8.6
STANDBY mode
This mode is only available when using the embedded regulators (pin VREG_DIS tied to 0).
In STANDBY Mode, the MVREG (Main Voltage Regulator) is disabled and the internal
power switch opened (see Figure 2: STANDBY mode in power supply scheme 1 on page 6).
This powers off the kernel circuitry, reducing power consumption to almost zero. Only the
backup circuitry remains powered by the LPVREG (Low Power Voltage Regulator).
This mode is particularly important for applications requiring very low consumption even
when a rise in temperature occurs: there is almost no dispersion in temperature because the
leakage currents are very low (most of the digital part is not powered).
The contents of the registers and SRAM are lost. The backup circuitry can be used to wake-
up the microcontroller. Some backup registers also remain powered and can be used to
store some parameters. This backup circuitry consists of:
●
RTC counter and alarm mechanism
●
Wake-up logic
●
Backup registers (8 bytes)
The Wake-up logic switches the power to the kernel back on. The kernel is kept under
RESET until the internal voltage is correctly regulated; at this point the interface between
the kernel and Backup block is reconnected, and the CPU restarts from its RESET
sequence.
STANDBY mode entry procedure
Use the following procedure to enter STANDBY mode:
1.
First select STANDBY Mode by programming the LPMC[1:0] bits in the
MRCC_PWRCTRL register.
2.
Execute the Low Power Bit Writing Sequence as described in Section 1.8.1: Low power
bit writing sequence on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com